Part Number Hot Search : 
FN4586 C1008CYT MN6178 TC4508 Z8F2402 NM800A MC33689D AME8822
Product Description
Full Text Search
 

To Download CNB2A9ZTTD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KOA SPEER ELECTRONICS, INC.
SS-217 R2
AHA 6/04/07
Chip Networks Resistors Type CNB & CND Series
1. Features
Concave or convex termnations Manufactured to type RK73 standards Four or eight bussed resistor elements included in one array Products with lead-free termiantions meet RoHS requirements. Pb located in glass material, electrode and resistor element is exempt per Annex 1, exception 5 of EU direction 2005/95/EC
CERTIFIED
CERTIFIED
2. Dimensions
Size Code CNB 2B9Z CNB 2E5Z CND 1J10K CND 1J10Y CND 2A10Y CND 2B10V CND 2B10 Figure No. -- -- 2 L .252.008 (6.40.2) .126.008 (3.20.2) .126.004 (3.20.1) .157.008 (4.00.2) .252.008 (6.40.2) W .126.008 (3.20.2) .098.008 (2.50.2) .063.004 (1.60.1) .083.008 (2.10.2) .122.008 (3.10.2) CNB
a W t Protective Coating Electrode Resistive Film C d L p P2 B1 Inner Electrode W t Protective Coating Electrode Resistive Film Inner Electrode C d B2 a
C .018 (0.45) .012 (0.3)
Dimensions inches (mm) t d a .033 .024.006 .024.004 (0.85) (0.60.15) (0.60.1) .020.006 (0.50.15) .010.004 (0.250.1) .024.004 (0.60.1) .020.004 (0.50.1) .022.004 (0.550.1) .024.004 (0.60.1) .024.004 (0.60.1) .026 (0.65) .016.004 (0.40.1) .013.006 (0.330.15) .020.008 (0.50.2) .024 (0.6) Figure 1
L
B1 .006 (0.15) .006 (0.15) .012.008 (0.30.2) .008.004 (0.200.1) .010.008 (0.250.2) .006 (0.1)
B2
p .051 (1.3) .039 (1.0) .025 (0.64) .031 (0.8) 0.05 (1.27)
P2 .026.004 (0.650.1) .020.004 (0.500.1)
--
--
1
.014.004 (0.350.1) .016.008 (0.40.2)
.008.004 (0.20.1) .004.008 (0.10.2) --
--
3
.014.006 .022.006 (0.350.15) (0.550.15)
p B1
Ceramic Substrate
Ceramic Substrate
Figure 2
a W C t Protective Coating Electrode Resistive Film Inner Electrode d t Protective Coating Electrode L p B1 W a
Concave Figure 3
L p B1 C d Resistive Film Inner Electrode
Ceramic Substrate
Ceramic Substrate
Convex
Concave
PAGE 1 OF 4
Fax 814-362-8883
Bolivar Drive
P.O. Box 547
Bradford, PA 16701
USA
814-362-5536
www.koaspeer.com
Specifications given herein may be changed at any time without pr ior notice. Please confir m technical specifications before you order and/or use.
KOA SPEER ELECTRONICS, INC.
SS-217 R2
3. Type Designation The type designation shall be the following form:
CNB
Type
CNB CND
2B
Size
1J 2A 2B 2E
9
Elements
5 9 10
Z
Circuit Symbol
K: for CND1J10K V: Reverse common electrode Y: Side electrode type Z: for CNB
T
Termination Material
T: Sn (Other termination styles may be available, please contact factory for options)
TE
Packaging
TD: 7" Paper Taping TE: 7" Embossed Taping
103
Nominal Resistance
2 significant figures + 1 multiplier
J
Tolerance
J: 5%
4. Circuit Construction
10
CND1J10K 9 8 7 R R R R
6
CND1J10Y, CND2A10Y 10 9 8 7 R 1 R R R 6 R R 2 3 103 R 4 R 5
10 R R
CND2B10V 9 8 7 R R
6
10 R
9
CND2B10 8 7 R R R
6
10 R R
CND1J10VK 9 8 7 R R
6
9 R R
8 R
7 R
6 R R 5
5 R
4
R
R 1 2
R 3 103
R 4 5
R 1 2
R 3 103
R 4
R 5
R 1
R 2
R 3 103
R 4 5 1
R 2
R 3 103
R 4
R 5
R 1 2
R
R
R
R
3 4 CNB2B9Z
1 2 3 CNB2E5Z
5. Standard Applications
Part Designation CNB2B9Z CNB2E5Z CND1J10K CND1J10Y CND2A10Y CND2B10V CND2B10 Power Rating @ 70C (Per Element) 1/16W (.063W) 32mW 50mW 200 63mW 100 - 100K** T.C.R. (ppm/C) Max. 200 Resistance Range E-3*, E-12** 1K - 470K* 47 - 39k** 22 - 39K** J: 5% 50V 100V Resistance Tolerance Absolute Maximum Working Voltage 50V Maximum Overload Voltage (5 Secs. Max.) 100V Operating Temperature Range -55C to +125C
J: 5%
25V
50V -55C to +125C
* E-3 significant figures (per decade) are 1.0, 2.2 and 4.7. ** E-12 CND only
PAGE 2 OF 4
Bolivar Drive
P.O. Box 547
Bradford, PA 16701
USA
814-362-5536
Fax 814-362-8883
www.koaspeer.com
Specifications given herein may be changed at any time without pr ior notice. Please confir m technical specifications before you order and/or use.
KOA SPEER ELECTRONICS, INC.
SS-217 R2
6. Environmental Applications For temperature in excess of 70C, the load shall be derated in accordance with the following figure.
Derating Curve
100 80 % Rated Power 60 40 20 0
Surface Temperature Rise
60 50 Temperature Rise (C) 40 30 20 10
CNB2B9Z CND2A10Y CND2B10
0
20
40
80 100 120 140 70 125 Ambient Temperature (C)
60
160
0
0
1/32 1/16 1/10 (W) Power
1/8
6-2 Voltage Rating
Resistors shall have a rated direct-current (DC) continuous working voltage or approximate sine-wave root-mean-square (R.M.S.) continuous working voltage at commercial-line frequency and wave-form corresponding the power rating as determined from the following formula:
7. Body Color and Marking
Body Color: Black Marking Color: White
103 Nominal resistance at 3-digit numbers 3-digit numbers The first and the second numbers show 2 effective numbers, the third number shows a multiple of 10. Example: 103 10,000 10k 472 4,700 4.7k
10 3
Where: E: Rated Voltage (V)
E= P * R
P: Power Rating (W) R: Nominal Resistance ()
However, if the rated voltage thus obtained surpasses the specified maximum working voltage, it shall be considered the rated voltage.
8. Performance
Parameter Thermal Shock Low Temperature Operation High Temperature Exposure Short Time Overload Resistance to Solder Heat Terminal Strength-Push Terminal Strength-Bend Moisture Resistance Life Pulse Temperature Cycling Terminal Adhesion Dielectric Withstanding Voltage Insulation Resistance Maximum R (1.0% + 0.1) (2.0% + 0.05) (1.0% + 0.1) (0.5% + 0.05) 5.0% 1.0% 15 Grams Minimum 400V 1,000 M Minimum Test Method MIL-STD-202, Method 107, -55C to +125C, 5 cycles MIL-R-55342 4.7.4, 1 hour @ -55C followed by 45 minutes of RCWV* MIL-R-55342 4.7.6, 100 hours @ 125C MIL-R-55342 4.7.5, 2.5 x RCWV for 5 seconds MIL-R-55342 4.7.7, 260C for 10 seconds 1.2 Kg for 1 minute 5mm deflection in either direction for 10 seconds MIL-STD-202, Method 103, 40C, 90 - 95% RH, 1000 hours MIL-STD-202, Method 108, 70C, 1000 hours @ RCWV, 1.5 hr ON, 0.5 hr OFF 2.5 x RCWV, not exceeding max. overload voltage, 1 sec. ON, 25 sec. OFF, 10,000 cycles 30 min. @ -55C, 15 min. @ +25C, 30 min. @ +125C, 15 min. @ +25C, 5 cycles Axial pull, one terminal at a time 1 minute minimum, MIL-STD-202, Method 301 --
* RCWV = Rated Continuous Working Voltage.
PAGE 3 OF 4
Bolivar Drive
P.O. Box 547
Bradford, PA 16701
USA
814-362-5536
Fax 814-362-8883
www.koaspeer.com
Specifications given herein may be changed at any time without pr ior notice. Please confir m technical specifications before you order and/or use.
KOA SPEER ELECTRONICS, INC.
SS-217 R2
9. Taping Tape material and quantity per reel
Tape material Embossed Tape width .472 in. (12 mm)
1.5 +0.1 -0
Quantity/Reel (pcs.) 4,000
9.1 Taping Dimension (Embossed) Carrier Tape
1.750.1 P1
(TP)
B A
W
T1
2.0 4.00.1 Direction of feed
T1
(Notes) Dotted lines are applicable to only "TP" and "TB." Taping (mm) Reel Size
178 178 178 178 178
T1
P1
Component Size (mm) Type L
2B10 1J10 2A10 2B5Z 2E9Z 6.40 3.20 4.00 3.2 6.40
W
3.1 1.6 2.1 2.5 3.2
T
0.6 0.55 0.6 0.6
Carrier Tape
TE TD TE TE TE
Quantity/ Reel (Pieces)
4000 5000 4000 4000 4000
A
6.60.2 3.50.1 4.450.2 3.50.2 6.70.2
B
3.40.2 2.00.1 2.50.2 3.00.2 3.50.2
W
12.00.1 8.00.2 12.00.1 8.00.2 12.00.1
P1
4.00.1 4.00.1 4.00.1 4.00.1 4.00.1
T1
10.15 0.75+0.2/-0 10.15 10.15 10.15
CND CNB
10. Reel (Polystyrene Reel) Reel
(mm)
Central hole
Type All od (mm) e (mm) 21 2 (Notes) Reel holes, shapes and design are examples
oa
o13 e
od
11. Reel Marking
The reel must be marked as follows: (1) Type designation (2) Nominal resistance (3) Quantity (4) Production lot number (5) Manufacturer's name (6) Customer's code number (7) Order number
Lot Number Lot number (8 digits)
53 Production year, month
17~28 29~40 41~52 53~64
11 Date
8 Factory
8 KT & T factory
001 Continuous number
January 2004 ~ December 2004 January 2005 ~ December 2005 January 2006 ~ December 2006 January 2007 ~ December 2007
PAGE 4 OF 4
Bolivar Drive
P.O. Box 547
Bradford, PA 16701
USA
814-362-5536
Fax 814-362-8883
www.koaspeer.com
Specifications given herein may be changed at any time without pr ior notice. Please confir m technical specifications before you order and/or use.


▲Up To Search▲   

 
Price & Availability of CNB2A9ZTTD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X